PART |
Description |
Maker |
DB451001-2EN 4510021 |
The single H05 V-K is a flexible wiring cable for fixed installation in installation channels which can be opened as well as for internal wiring of wiring of devices and working funds
|
List of Unclassifed Manufacturers
|
57883-5000 |
1.00/1.27mm I/O Cable Wiring Jig
|
Molex Electronics Ltd.
|
15266-0061 |
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.152m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
21020-1028 |
0.50mm Pitch Premo-Flex?FFC Jumper, Opposite Side Contacts (Type D), 31 Circuits, 0.305m Cable Length, 0.27mm Cable Thickness, Tin(Sn) Plating
|
Molex Electronics Ltd.
|
15266-0068 |
0.50mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 6 Circuits, 0.229m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
15266-0054 |
0.50mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 6 Circuits, 0.051m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
3365-26 3365-25 3365-15 3365-20 535356 3365-16 336 |
RIBBON CABLE 26 WAY 30.5M RIBBON CABLE 15 WAY 30.5M RIBBON CABLE 20 WAY 30.5M RIBBON CABLE 10 WAY 30.5M RIBBON CABLE 16 WAY 30.5M RIBBON CABLE 14 WAY 30.5M Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset RIBBON CABLE 40 WAY 30.5M RIBBON CABLE 60 WAY 30.5M Intel® Server Spare APP3STDBEZEL, Bezel with Door. For SC5295DP, SC5295BRP and SC5295WS 带状电缆每平方米25未来 RIBBON CABLE 15 WAY PER M 带状电缆每平方米15未来 RIBBON CABLE 34 WAY 30.5M 带状电缆34未来0.5 RIBBON CABLE 60 WAY PER M 带状电缆每平方米60未来 RIBBON CABLE 25 WAY 30.5M 带状电缆25未来30.5 RIBBON CABLE 50 WAY 30.5M 带状电缆50未来30.5
|
Jameco Electronics Molex, Inc. KEMET Corporation Amphenol, Corp. GE Measurement ?Control Solutions
|
0082266811 8863-11-100B 82-26-6811 |
1.27mm (.050) Pitch Round Conductor Flat Cable 1.27mm (.050") Pitch Round Conductor Flat Cable MOLEX Connector
|
Molex Electronics Ltd.
|
57839-5000 |
1.00/1.27mm I/O Cable Crimp Jig
|
Molex Electronics Ltd.
|
0082266814 8863-14-100B 82-26-6814 |
1.27mm (.050) Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 14 Circuits 1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 14 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
8863-43-100B 0082266843 |
1.27mm (.050) Pitch Round Conductor Flat Cable
|
Molex Electronics Ltd.
|